Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 67 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 63Page - STMicroelectronics UM0434 Datasheet HTML 64Page - STMicroelectronics UM0434 Datasheet HTML 65Page - STMicroelectronics UM0434 Datasheet HTML 66Page - STMicroelectronics UM0434 Datasheet HTML 67Page - STMicroelectronics UM0434 Datasheet HTML 68Page - STMicroelectronics UM0434 Datasheet HTML 69Page - STMicroelectronics UM0434 Datasheet HTML 70Page - STMicroelectronics UM0434 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 390 page
background image
Register model
UM0434
68/391
The TB is implemented to satisfy the following requirements:
●
Loading a GPR from the TB has no effect on the accuracy of the TB.
●
Storing a GPR to the TB replaces the value in the TB with the value in the GPR.
Book E does not specify a relationship between the TB update frequency and other
frequencies, such as the CPU clock or bus clock. The TB update frequency does not have to
be constant. One of the following is required to ensure that system software can keep time
of day and operate interval timers:
●
The system provides an (implementation-dependent) interrupt to software when the
update frequency of the TB changes and a way to determine the current update
frequency.
●
The update frequency of the TB is under the control of system software.
Note:
Disabling the TB or making reading the time base privileged prevents the TB from being
used to implement a covert channel in a secure system. If the operating system initializes
the TB on power-on to some reasonable value and the update frequency of the TB is
constant, the TB can be used as a source of values that increase at a constant rate, such as
for time stamps in trace entries.
Even if the update frequency is not constant, values read from the TB are monotonically
increasing (except when the TB wraps from 264 – 1 to 0). If a trace entry is recorded each
time the update frequency changes, the sequence of TB values can be post-processed to
become actual time values.
Successive readings of the TB may return identical values.
The TB is useful for timing reasonably short sequences of code (a few hundred instructions)
and for low-overhead time stamps for tracing.
4.11.4
Decrementer register
DEC, shown in
Table 45, is a decrementing counter that is enabled by setting HID0[TBEN].
The decrementer and time base update at the same frequency, which is selected in
HID0[SEL_TBCLK]. It provides way to signal a decrementer interrupt after a specified
period unless one of the following occurs:
●
Software alters DEC in the interim.
●
The TB update frequency changes.
DEC is typically used as a general-purpose software timer. The decrementer auto-reload
register (DECAR) automatically reloads a programmed value into DEC.
T
TB
2
64
32
100 MHz
------------------------
×
5.90
10
12
×
onds
sec
==
(approximately 187,000 years)
Table 45.
Decrementer register (DEC)
32
63
Field
Decrementer value
Reset
Undefined on
m_por assertion, unchanged on p_reset_b assertion
R/W
R/W
SPR
SPR 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com