Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 42Page - STMicroelectronics UM0434 Datasheet HTML 43Page - STMicroelectronics UM0434 Datasheet HTML 44Page - STMicroelectronics UM0434 Datasheet HTML 45Page - STMicroelectronics UM0434 Datasheet HTML 46Page - STMicroelectronics UM0434 Datasheet HTML 47Page - STMicroelectronics UM0434 Datasheet HTML 48Page - STMicroelectronics UM0434 Datasheet HTML 49Page - STMicroelectronics UM0434 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 390 page
background image
UM0434
Register model
47/391
4.5.2
Integer exception register (XER)
The XER, shown in
Table 13, tracks exception conditions for integer operations.
XER fields are described in
Table 14.
4.6
Registers for branch operations
This section describes registers used by Book E branch and CR operations.
4.6.1
Condition register (CR)
CR, shown in
Table 15, reflects the result of certain operations and provides a mechanism
for testing and branching.
Table 13.
Integer Exception Register (XER)
32
33
34 35
56
57
63
Field SO OV CA
—
Number of bytes
Reset
All zeros
R/W
R/W
SPR
SPR 1
Table 14.
XER field descriptions
Bits
Name
Description
32
SO
Summary overflow. Set when an instruction (except mtspr) sets the overflow bit (OV). SO remains
set until it is cleared by mtspr[XER] or mcrxr. SO is not altered by compare instructions or other
instructions that cannot overflow (except mtspr[XER] and mcrxr). Executing mtspr[XER] with the
values 0 for SO and 1 for OV clears SO and sets OV.
33
OV
Overflow. X-form add, subtract from, and negate instructions with OE=1 set OV if the carry out of
bit 32 is not equal to the carry out of bit 33. Otherwise, they clear OV to indicate a signed overflow.
X-form multiply low word and divide word instructions with OE=1 set OV if the result cannot be
represented in 32 bits (mullwo, divwo, and divwuo) and clear OV otherwise. OV is not altered by
compare instructions or other instructions that cannot overflow (except mtspr[XER] and mcrxr).
34
CA
Carry. Add carrying, subtract from carrying, add extended, and subtract from extended instructions
set CA if there is a carry out of bit 32 and clear it otherwise. CA can be used to indicate unsigned
overflow for add and subtract operations that set CA. Shift right algebraic word instructions set CA
if any 1 bits are shifted out of a negative operand and clear CA otherwise. Compare instructions
and instructions that cannot carry (except Shift Right Algebraic Word, mtspr[XER], and mcrxr) do
not affect CA.
35–56
—
Reserved, should be cleared.
57–63
Numb
er
of
bytes
Supports emulation of load and store string instructions. Specifies the number of bytes to be
transferred by a load string indexed or store string indexed instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com