Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 86 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 82Page - STMicroelectronics UM0434 Datasheet HTML 83Page - STMicroelectronics UM0434 Datasheet HTML 84Page - STMicroelectronics UM0434 Datasheet HTML 85Page - STMicroelectronics UM0434 Datasheet HTML 86Page - STMicroelectronics UM0434 Datasheet HTML 87Page - STMicroelectronics UM0434 Datasheet HTML 88Page - STMicroelectronics UM0434 Datasheet HTML 89Page - STMicroelectronics UM0434 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 390 page
background image
UM0434
Register model
87/391
HID1 fields are described in
Table 62.
4.14
Branch target buffer (BTB) registers
This section describes the only register that controls the branch target buffer.
4.14.1
Branch unit control and status register (BUCSR)
BUCSR, shown in
Table 63, is for general control & status of the branch target buffer (BTB).
BUCSR fields are described in
Table 64.
Table 61.
Hardware implementation dependent register 1 (HID1)
32
55
56
57
62
63
Field
—
ATS
–
ARD
Reset
All zeros
R/W
R/W
SPR
SPR 1009
Table 62.
HID1 field descriptions
Bits
Name
Description
32–55
—
Reserved, should be cleared.
56
ATS
Atomic status (read-only). Indicates state of the reservation bit in the load/store unit.
See
Chapter 5.7: Memory synchronization and reservation instructions on page 111.”
57–62
—
Reserved, should be cleared.
63
ARD
Address retraction disable.
0 Address retraction enabled.
1 Address retraction disabled.
Controls Address Retraction operation. For details, see
Chapter 9.5.3: Address retraction on
page 282.”
Table 63.
Branch unit control and status register (BUCSR)
32
53
54
55
62
63
Field
—
BBFI
—
BPEN
Reset
All zeros
R/W
R/W
SPR
SPR 1013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com