Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 17Page - STMicroelectronics UM0434 Datasheet HTML 18Page - STMicroelectronics UM0434 Datasheet HTML 19Page - STMicroelectronics UM0434 Datasheet HTML 20Page - STMicroelectronics UM0434 Datasheet HTML 21Page - STMicroelectronics UM0434 Datasheet HTML 22Page - STMicroelectronics UM0434 Datasheet HTML 23Page - STMicroelectronics UM0434 Datasheet HTML 24Page - STMicroelectronics UM0434 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 390 page
background image
UM0434
Conventions
21/391
2
Conventions
This document uses the following notational conventions:
2.1
Terminology conventions
Table 1 lists certain terms used in this manual that differ from the architecture terminology
conventions.
cleared/set
When a bit takes the value zero, it is said to be cleared; when it takes a value of one, it
is said to be set.
mnemonics
Instruction mnemonics are shown in lowercase bold.
italics
Italics indicate variable command parameters, for example, bcctr
x.
Book titles in text are set in italics.
Internal signals are set in italics, for example,
qual BG.
0x0
Prefix to denote hexadecimal number
0b0
Prefix to denote binary number
rA, rB
Instruction syntax used to identify a source GPR
rD
Instruction syntax used to identify a destination GPR
REG[FIELD]
Abbreviations for registers are shown in uppercase text. Specific bits, fields, or ranges
appear in brackets. For example, MSR[LE] refers to the little-endian mode enable bit
in the machine state register.
x
In some contexts, such as signal encodings, an unitalicized x indicates a don’t care.
x
An italicized
x indicates an alphanumeric variable.
n
An italicized
n indicates a numeric variable.
¬
NOT logical operator
&
AND logical operator
|
OR logical operator
Table 1.
Terminology conventions
Architecture specification
This manual
Change bit
Changed bit
Extended mnemonics
Simplified mnemonics
Out of order memory accesses
Speculative memory accesses
Privileged mode (or privileged state)
Supervisor level
Problem mode (or problem state)
User level
Reference bit
Referenced bit
Relocation
Translation
Storage (locations)
Memory
Storage (the act of)
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com