Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 41Page - STMicroelectronics UM0434 Datasheet HTML 42Page - STMicroelectronics UM0434 Datasheet HTML 43Page - STMicroelectronics UM0434 Datasheet HTML 44Page - STMicroelectronics UM0434 Datasheet HTML 45Page - STMicroelectronics UM0434 Datasheet HTML 46Page - STMicroelectronics UM0434 Datasheet HTML 47Page - STMicroelectronics UM0434 Datasheet HTML 48Page - STMicroelectronics UM0434 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 390 page
background image
Register model
UM0434
46/391
The PVR contains fields to specify a particular implementation of an e200z3 family member.
Interface signals
p_pvrin[16:31] provide the contents of bits 48–63.
4.4.4
System version register (SVR)
The system version register (SVR) contains system version information for an e200z3-
based SoC.
SVR specifies a particular implementation of an e200z3-based system.
4.5
Registers for integer operations
This section describes the registers for integer operations.
4.5.1
General purpose registers (GPRs)
Book E implementations provide 32 GPRs (GPR0–GPR31) for integer operations. The
instruction formats provide 5-bit fields for specifying the GPRs for use in executing the
instruction. Each GPR is a 64-bit register and can contain address and integer data,
although all instructions except SPE APU vector instructions use and return 32-bit values in
GPR bits 32–63.
Table 11.
PVR field descriptions
Bits
Name
Description
32–35 Manufacturer ID Manufacturer ID. Freescale is 0b1000.
36–37
—
Reserved, should be cleared.
38–43
Type
Identifies the processor type. For the e200z3, this field has a value of 0b01_0001.
44–47
Version
Identifies the version of the processor and any optional elements. For e200z3, this field
has a value of 0010.
48–55
MBG Use
Distinguishes different system variants; provided by the
p_pvrin[16:23] inputs.
56–59
Major Rev
Distinguishes different implementations of the version; provided by the
p_pvrin[24:27]
inputs.
60–63
MBG ID
Provided by the
p_pvrin[28:31] input signals.
Figure 4.
System version register (SVR)
32
63
Field
Version
Reset
SoC-dependent value (determined by
p_sysvers[0:31] on the e200z3 core)
R/W
Read only
SPR
SPR 1023
Table 12.
SVR field description
Bits
Name
Description
32–63
Version Distinguishes different system variants, and is provided by the
p_sysvers[0:31] inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com