Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 19Page - STMicroelectronics UM0434 Datasheet HTML 20Page - STMicroelectronics UM0434 Datasheet HTML 21Page - STMicroelectronics UM0434 Datasheet HTML 22Page - STMicroelectronics UM0434 Datasheet HTML 23Page - STMicroelectronics UM0434 Datasheet HTML 24Page - STMicroelectronics UM0434 Datasheet HTML 25Page - STMicroelectronics UM0434 Datasheet HTML 26Page - STMicroelectronics UM0434 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 390 page
background image
e200z3 core complex overview
UM0434
24/391
3
e200z3 core complex overview
This chapter provides an overview of the PowerPC™ e200z3 microprocessor core. It
includes the following:
An overview of the Book E version of the PowerPC architecture features as
implemented in this core
A summary of the core feature set
An overview of the programming model
An overview of interrupts and exception handling
A summary of instruction pipeline and flow
A description of the memory-management architecture
High-level details of the e200z3 core memory and coherency model
A summary of the Book E architecture compatibility and migration from the original
version of the PowerPC architecture as it is defined by Apple, IBM, (referred to as the
AIM version of the PowerPC architecture)
Information regarding e200z3 features that are defined by the Book E implementation
standards (EIS)
3.1
Overview of the e200z3
The e200z3 processor family is a set of CPU cores that are low-cost implementations of the
PowerPC Book E architecture. e200z3 processors are designed for deeply embedded
control applications that require low-cost solutions rather than maximum performance.
The e200z3 core implements the variable-length encoding (VLE) APU, providing improved
code density. See the
EREF for more information about the VLE extension.
Figure 1.
e200z3 block diagram
Instruction Bus Interface Unit
Software-Managed
Unified Memory Unit
MAS
Registers
32 GPRs
(64-Bit)
XER
CR
4-, 16-, 64-,
256-Kbyte;
Execution Units
SPRs
Integer
+ x ÷
Unit
SPE APU
+ x ÷
Unit
Embedded
+ x ÷
Scalar FPU
Embedded
+ x ÷
Vector FPU
Load/Store
Branch
Unit
Write-Back Stage
Two/Four
instructions
32
64
N
Address
Data
Control
Additional
Features
–OnCe/Nexus
1/Nexus 3
control logic
– AMBA AHB-
Lite bus
+
L1 Unified MMU
Unit
CTR
LR
Single-instruction, in-order dispatch
Single-Instruction, In-Order Write Back
16-Entry
Fully Associative
TLB
EA Calc
Four-cycle,
single-path
execute stage
with overlapped
execution and
Fetch Unit
Branch Processing Unit
Instruction/Control Unit
Instruction Buffer
(7 instructions)
Decode
8-Entry Branch
Stage
+
EA Calc
Two-Cycle
Fetch Stage
Program Counter
Target Buffer
Data Bus Interface Unit
32
64
N
Address
Data
Control
Optional
Extension
VLE
APU
Execute Stage
feed forwarding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com