Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0434 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 28Page - STMicroelectronics UM0434 Datasheet HTML 29Page - STMicroelectronics UM0434 Datasheet HTML 30Page - STMicroelectronics UM0434 Datasheet HTML 31Page - STMicroelectronics UM0434 Datasheet HTML 32Page - STMicroelectronics UM0434 Datasheet HTML 33Page - STMicroelectronics UM0434 Datasheet HTML 34Page - STMicroelectronics UM0434 Datasheet HTML 35Page - STMicroelectronics UM0434 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 390 page
background image
UM0434
e200z3 core complex overview
33/391
The integer execution unit consists of a 32-bit arithmetic unit, a logic unit, a 32-bit barrel
shifter, a mask-insertion unit, a condition register manipulation unit, a count-leading-zeros
unit, a 32
× 32 hardware multiplier array, result feed-forward hardware, and support
hardware for division.
Most arithmetic and logical operations are executed in a single cycle with the exception of
the divide instructions. A count-leading-zeros unit operates in a single clock cycle.
The instruction unit contains a program counter incrementer and a dedicated branch
address adder to minimize delays during change-of-flow operations. Sequential prefetching
is performed to ensure a supply of instructions into the execution pipeline. Branch target
prefetching is performed to accelerate taken branches. Prefetched instructions are placed
into an instruction buffer capable of holding six instructions.
Conditional branches that are not taken and not folded execute in a single cycle. Branches
with successful target prefetching that are not folded have an effective execution time of
1 cycle. All other taken branches have an execution time of 2 clocks.
Memory load and store operations are provided for byte, half-word, word (32-bit), and
double-word data with automatic zero or sign extension of byte and half-word load data as
well as optional byte reversal of data. These instructions can be pipelined to allow effective
single-cycle throughput. Load and store multiple word instructions allow low-overhead
context save and restore operations. The load/store unit (LSU) contains a dedicated
effective address adder to optimize effective address generation.
The condition register unit supports the condition register (CR) and condition register
operations defined by the PowerPC architecture. The CR consists of eight 4-bit fields that
reflect the results of certain operations generated by instructions such as move, integer and
floating-point compare, arithmetic, and logical instructions. The CR also provides a
mechanism for testing and branching.
Vectored and autovectored interrupts are supported by the CPU. Vectored interrupt support
is provided to allow multiple interrupt sources to have unique interrupt handlers invoked with
no software overhead.
The SPE APU supports vector instructions operating on 16- and 32-bit integer and fractional
data types. The vector and scalar floating-point APUs operate on 32-bit IEEE-754 single-
precision floating-point formats, and support single-precision floating-point operations in a
pipelined fashion.
The 64-bit GPRs are used for source and destination operands for all vector instructions,
and there is a unified storage model for single-precision floating-point data types of 32 bits
and the normal integer type. Low-latency integer and floating-point add, subtract, multiply,
divide, compare, and conversion operations are provided, and most operations can be
pipelined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com