Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 6Page - STMicroelectronics AN628 Datasheet HTML 7Page - STMicroelectronics AN628 Datasheet HTML 8Page - STMicroelectronics AN628 Datasheet HTML 9Page - STMicroelectronics AN628 Datasheet HTML 10Page - STMicroelectronics AN628 Datasheet HTML 11Page - STMicroelectronics AN628 Datasheet HTML 12Page - STMicroelectronics AN628 Datasheet HTML 13Page - STMicroelectronics AN628 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
AN628 APPLICATION NOTE
10/35
VRMS = 85V (110V -20%)
VRM(7) = 1.6V
VRMS = 260V (220V +20%)
VRM(7) = 5V
Gain at 2f(100Hz)
-80dB
Pin 8. MULT-OUT (Output of the multiplier). This pin deliveres the programming current (Imult) according to the
relation:
where: VVA-OUT = E/A output voltage range
VLFF = voltage input at pin 6
VRMS = voltage input at pin 7
IIAC = input current at pin 4
To optimize the multiplier biasing for each application, the relation between Imult and the other input signals to
the multiplier are here reported (refer to figure 13 and see figures 13a to 13h).
Figure 13.
I
mult
0.37 I
IAC
V
va
out
–
1.28V
–
() 0.8 V
LFF
1.28V
–
⋅
()
⋅
V
RMS
2
-----------------------------------------------------------------------------------------------------------
⋅⋅
=
Figure 13a. MULTI-OUT vs. IAC (VRMS = 1.7V;
VLFF = 5.1V)
Figure 13b. MULTI-OUT vs. IAC (VRMS = 2.2V;
VLFF = 5.1V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com