Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 2 Page - STMicroelectronics

  AN628 Datasheet HTML 1Page - STMicroelectronics AN628 Datasheet HTML 2Page - STMicroelectronics AN628 Datasheet HTML 3Page - STMicroelectronics AN628 Datasheet HTML 4Page - STMicroelectronics AN628 Datasheet HTML 5Page - STMicroelectronics AN628 Datasheet HTML 6Page - STMicroelectronics AN628 Datasheet HTML 7Page - STMicroelectronics AN628 Datasheet HTML 8Page - STMicroelectronics AN628 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
AN628 APPLICATION NOTE
2/35
THE L4981 PFC CONTROLLER IC
The L4981 integrated circuit is a continous mode average current controller with several specific functions for
active power factor correction. It can operate in high quality, medium/high power conversion range and provides
all the necessary features to achieve a very high power factor, up to 0.99. Thanks to the BCD technology used,
operative switching frequency higher than 200kHz can be used.
The L4981 can be used in systems with universal input mains voltage without any line switch.
This new PFC offers the alternative of synchronization working at fixed frequency (L4981A), or working in mod-
ulated frequency (L4981B) to optimize the size of the input filter. Both devices control the conversion in average
current mode PWM to maintain a sinusoidal line current without slope compensation.
MAIN FEATURES:
Switching frequency higher than 200 kHz.
Under Voltage Lockout with hysteresis and programmable turn-on threshold.
Overvoltage and Overcurrent Protection.
Precise (2%) on chip Reference externally available.
Input/Output Synchronization (only for L4981A).
Feed Forward Line and Load regulation.
Universal input mains.
Average current mode PWM.
High Output Current totem pole driver.
Low Start-up supply current.
Soft Start.
P.F.C. BOOST TOPOLOGY OPERATION
The operation of the P.F.C. boost converter (see fig. 2) can be summarized in the following description.
The A.C. line voltage is rectified by a diode bridge and the rectified voltage delivered to the boost converter. The
boost converter section, using a PWM switching technique, boosts the rectified input voltage to a D.C. controlled
output voltage (VO). The section consists of a boost inductor (L), a controlled power switch (Q), a boost diode
(D), an output capacitor (CO) and, obviously, a control circuitry.
Referring to the time-variable mains voltage (sine waveform), the converter produces a boost inductor average
current like the rectified input voltage, changing continuosly the duty-cycle of the active switch (Q).
The boosted D.C. voltage is controlled to a programmed value, higher than the maximum input instantaneous
voltage (VIpk).
Referring to the main currents shown in fig.2 schematic, the simplified formulae are (assuming: power efficiency
= 1; output ripple voltage = 0; high frequency inductor ripple current = 0):
1) Peak inductor (L), switch (Q) and diode (D) currents
2) RMS inductor current
I
Lpk
I
Qpk
I
Dpk
2
P
O
V
lpk
-----------
==
=
I
Lrms
2
P
O
V
lpk
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com