Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 19Page - STMicroelectronics AN628 Datasheet HTML 20Page - STMicroelectronics AN628 Datasheet HTML 21Page - STMicroelectronics AN628 Datasheet HTML 22Page - STMicroelectronics AN628 Datasheet HTML 23Page - STMicroelectronics AN628 Datasheet HTML 24Page - STMicroelectronics AN628 Datasheet HTML 25Page - STMicroelectronics AN628 Datasheet HTML 26Page - STMicroelectronics AN628 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23/35
AN628 APPLICATION NOTE
DESIGN PROCEDURE.
In order to fix the described concepts, here follows a brief description of a possible design flowchart referred to
a typical "low-medium range power" PFC application.
Design target specification:
– Wide range mains; VINrms = 88 Vac to 264 Vac.
– Pre-Regulated DC output voltage; VO = 400 V.
– Rated output power; PO = 200W.
The design starts fixing the operating conditions.
– The switching frequency 100kHz ///
– The 100Hz voltage ripple imposed at full load is ± 8V; this is satisfied selecting Cout = 100
µF
– The Over Voltage limit is set at Vout+50V
– The maximum current ripple at nominal load has been chosen = 35%
The circuit in fig. 23 can be proposed as reference for medium range power PFC application.
Figure 23. Low-medium Power Typical Application (VO = 400V; PO = 200W)
C7
220nF
100V
R17
806K
1%
R17
806K
1%
R22
R23
R19
1.1M
5%
R19
1.1M
5%
R8
33K
5%
R7 360K 5% R6 620K 5%
R6
620K
5%
4
7
BRIDGE
4 x BY214
C1
220nF
400V
R21
5.1K
1%
L4981A
2
R15
10K
0.5W
R14
56
0.5W
C10
15nF
100V
19
15
D4
1N4150
DZ
22V
0.5W
C11
100
µF
25V
D3 1N4150
D3
2N2222
C8
220nF
100V
L 0.9mH
14
13
C9
330nF
R12
220K
5%
3
C12
270pF
630V
STH/STW15NB50
R13
Q1
Q2
STK2N50
D5
BYT
11600
R18
1.8K
4W
20
R11
560 1%
R3
2.7K
5%
R5
27K 5%
0.07 2W
C3
1nF
R4
2.7K
5%
R16
24K
1%
15 5%
C4
1nF
C6
1
µF
16V
61
R2
11K
1%
R10
21K
1%
R1
412K
1%
R9
910K
1%
R1
412K
1%
R9
910K
1%
D1 5TTA5060
12
C5
1
µF
16V
11
17
18
9
5
8
FUSE
C2
100
µF
450V
+
-
Vo
D93IN029C
Vi
88VAC to 254VAC
NTC
D2 1N4150
RS
R20
10K 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com