Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 13Page - STMicroelectronics AN628 Datasheet HTML 14Page - STMicroelectronics AN628 Datasheet HTML 15Page - STMicroelectronics AN628 Datasheet HTML 16Page - STMicroelectronics AN628 Datasheet HTML 17Page - STMicroelectronics AN628 Datasheet HTML 18Page - STMicroelectronics AN628 Datasheet HTML 19Page - STMicroelectronics AN628 Datasheet HTML 20Page - STMicroelectronics AN628 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17/35
AN628 APPLICATION NOTE
Pin 17. ROSC (Oscillator resistor). An external resistor connected to ground, programs the charge and the dis-
charge currents that pin 18 (COSC) forces to the external capacitor. The reference voltage at pin 17 is 1.28V
(see fig.18a/b)
To set the charge current, the relation is:
The discharge current is defined by:
The maximum discharge current of Id = 12mA, this means a minimum Rosc value of 22K
Ω.
Pin 18. COSC (Oscillator capacitor). An external capacitor (see fig 18a/b), connected between this pin and
ground, fixes the rise and fall time (tr and tf) of the sawtooth oscillator according to the previous relations (pin
17) and therefore the switching frequency. The typical ramp valley-peak voltage (Vsrp) is fixed to 5V.
The period T is defined by:
the switching frequency is:
See also Fig. 19
I
c
10
1.28V
R
OS C
----------------
⋅
≈
I
c
200
1.28V
R
OSC
----------------
⋅
≈
Tt
r
t
f
+
V
srp
C
OSC
1
I
C
-----
1
I
d
----
+


⋅
==
f
sw
1
T
---
2.44
R
OSC
C
OS C
⋅
------------------------------------
≈
=
Figure 19. Oscillator Diagram
Pin 19. VCC (Supply voltage input). The very low cur-
rent consumption feature before the turn-on thresh-
old is reached. The undervoltage circuitry, with the
threshold hysteresis of 5.5V typ. (see also pin 15)
and an internal clamp at 25V (typ.) ensure the IC
safety operation.
Pin 20. GDRV (Gate driver output). This output is in-
ternally clamped to 15V (see Fig. 20), to avoid ageing
problems of the gate oxide. The output driver is nor-
mally connected to the gate of the power device
through a resistor (say 5 to 50 Ohm) to avoid over-
shoot and to control the dI/dt of the switch.
POWER SECTION DESIGN
Booster Inductor
The Boost Inductor design involves various parame-
ters to be handled and there are different approaches
to define them.
In continuous mode operation, the energy stored in
the boost inductor in each switching cycle, is not
completely transferred to the output (bulk) capacitor.
A quantity of energy is stored in the magnetic circuit,
reducing in this way the input current ripple. This min-
imizes the line noise and reduces the input filter size
(see fig.21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com