Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 27Page - STMicroelectronics AN628 Datasheet HTML 28Page - STMicroelectronics AN628 Datasheet HTML 29Page - STMicroelectronics AN628 Datasheet HTML 30Page - STMicroelectronics AN628 Datasheet HTML 31Page - STMicroelectronics AN628 Datasheet HTML 32Page - STMicroelectronics AN628 Datasheet HTML 33Page - STMicroelectronics AN628 Datasheet HTML 34Page - STMicroelectronics AN628 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
AN628 APPLICATION NOTE
32/35
Figure 28.
Figure 29.
Figure 30.
Figure 31.
VDS = 100V/div.
IL2 = 2A/div.
IL2-VDS waveforms at SWITCH-ON
"Magnethic snubber effect"
Drain current slope control
IL2-VDS waveforms at SWITCH-OFF
Current
flowing in the voltage Clamp
Drain voltage
Drain voltage snubber RCD effect
IL2-VDS waveforms at SWITCH-OFF and ON
Current
flowing
in the Voltage Clamp
Drain voltage
Recovery Peak current
Boost diode Anode voltage and IL2 Current
0V
Negative Voltage
for L2 demagnetization
Miscellaneous:
The 360W Demo Board is replacing a previous 200W version. It is possible to order this tool quoting the order
code EVAL4981A. The board comes with a CDROM containing the inherent documentation and a special pro-
gram dedicated to the ST PFC controllers (L4981 and L6561) that make it easy the design of these applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com