Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 25Page - STMicroelectronics AN628 Datasheet HTML 26Page - STMicroelectronics AN628 Datasheet HTML 27Page - STMicroelectronics AN628 Datasheet HTML 28Page - STMicroelectronics AN628 Datasheet HTML 29Page - STMicroelectronics AN628 Datasheet HTML 30Page - STMicroelectronics AN628 Datasheet HTML 31Page - STMicroelectronics AN628 Datasheet HTML 32Page - STMicroelectronics AN628 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29/35
AN628 APPLICATION NOTE
Figure 27. P.C.B. Solder Side (Dimensions 88 x 150mm)
DEMO BOARD TEST RESULTS
Table 1. Maximum power range at 110Vac
(*) Most significant losses balance at maximum power (110Vmains):
– Power-mos (Q1+Q2) dissipated power = 9.6W.
– Bridge (B1) dissipated power = 6.3W.
– Boost turbo-diode (D4) dissipated power = 1.6W.
– Boost inductor L1 = 2W
– Aux. Inductor L2 = 1.6W.
– NTC dissipated power = 1.1W.
– Snubber = 1.4W
Vmains
Pout
Vout
Pin
THD
PF
Eff.
88Vac
403W
401Vdc
433W
5.1%
0.998
.93
110Vac (*)
407W
403Vdc
431W
2.2%
0.999
.945
132Vac
409W
404Vdc
430W
2.7%
0.999
.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com