Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 21Page - STMicroelectronics AN628 Datasheet HTML 22Page - STMicroelectronics AN628 Datasheet HTML 23Page - STMicroelectronics AN628 Datasheet HTML 24Page - STMicroelectronics AN628 Datasheet HTML 25Page - STMicroelectronics AN628 Datasheet HTML 26Page - STMicroelectronics AN628 Datasheet HTML 27Page - STMicroelectronics AN628 Datasheet HTML 28Page - STMicroelectronics AN628 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
25/35
AN628 APPLICATION NOTE
The results, concerning the described circuit, have been tested. And the result are shortly here reported:
DEMO-BOARD:
Design process and Evaluation results
In order to provide a powerful tool for the complete evaluation of the L4981, It is available a populated Demo-
Board. The design process and the description for the demo, is here described.
The demo has been designed to operate in wide range mains and the size and is finalized for a "medium-high"
output power range.
Let us start fixing the overall target of the application.
Electrical target specification:
– Wide range mains; VINrms = 88 to 264 Vac.
– Regulated DC output voltage; VO = 400 V.
– Rated output power; PO = 360W in any mains condition.
– Target efficiency
≥ 90% in nominal load conditions.
Chosen operation conditions of the application
– The rectified mains (100/120Hz) full load voltage ripple is ± 7-8 V (peak to peak) this is achieved using
an output capacitor Cout = 220Uf/450V
– The maximum current ripple, in nominal load condition, is selected to be about 20%. This can be ob-
tained using the boost inductor L = 0.55mH and setting the switching frequency at 100kHz. ##
– The Over Voltage Protection has been set at Vout + 58V
The demo is capable to deliver around 400W output power; anyway in order to limit the temperature, the rated
power is limited to 360W.
The schematic is shown in fig 24.
Vi
f
Pi
PF
A-THD
H3
H5H7H9
VO
∆VO
PO
η
(Vrms)
(Hz)
(W)
(%)
(%)
(%)
(%)
(%)
(V)
(V)
(W)
(%)
110
60
220
0.999
1.79
1.40
0.40
0.31
0.28
392
8
201
91.6
220
50
217
0.997
2.25
1.68
0.83
0.57
0.48
398
8
204
94.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com