Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 18Page - STMicroelectronics AN628 Datasheet HTML 19Page - STMicroelectronics AN628 Datasheet HTML 20Page - STMicroelectronics AN628 Datasheet HTML 21Page - STMicroelectronics AN628 Datasheet HTML 22Page - STMicroelectronics AN628 Datasheet HTML 23Page - STMicroelectronics AN628 Datasheet HTML 24Page - STMicroelectronics AN628 Datasheet HTML 25Page - STMicroelectronics AN628 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
AN628 APPLICATION NOTE
22/35
Vop_min = minimum output operative voltage before the 'power fail' detection.
Power Switch
A power MOSFET is the active switch used in most application for its frequency features. It will be selected ac-
cording with the output boosted voltage and the delivered power. There are two contributions for power losses
in the mosfet: conduction losses and switching losses. The on-state power losses can be calculated using the
formula:
Pon-MOS = IQrms
2 Rdson
One extimation of the switching losses can be done considering two separated quantities:
.
Pcrossover
≈ VO · Irms · tcr · fsw + Prec
where:
Coss is the Drain capacitance at VDS = 25V.
tcr is the crossover time.
Cext is the external layout stray capacitance.
Prec is the contribution due to the diode recovery.
To reduce the crossover losses a snubber network can be used.
Booster diode
The booster diode will be selected to withstand the output voltage and current. Moreover, it has to be as fast as
possible in order to reduce the power switch losses.The STMicroelectronics Turboswitch™ diode series match
this specifications, and are expecially suitable for this application.
The diode power losses can be split in two contributions: conduction losses and switching losses. The conduc-
tion losses can be estimated by:
PDon = Vto · IO + Rd · IDrms
2
where: Vto = threshold voltage
Rd = differential resistance
Sense Resistor
The sense resistor produces the signal for the current feedback loop and for the overcurrent protection circuit.
An easy criterion to choose the sense resistance is to minimize the power dissipated assuring a sufficient signal to
noise ratio. In much high power applications, it could be considered the magnetic sensing approach (see fig. 22).
Figure 22. Magnetic Sense
P
capacitive
10
3
------ C
oss
V
o
1.5
1
2
---C
ext
V
o
2
⋅
+
⋅⋅


f
sw
⋅
≈
Load
iD
iQ
L
Rs
Co
-Vrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com