Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 3 Page - STMicroelectronics

  AN628 Datasheet HTML 1Page - STMicroelectronics AN628 Datasheet HTML 2Page - STMicroelectronics AN628 Datasheet HTML 3Page - STMicroelectronics AN628 Datasheet HTML 4Page - STMicroelectronics AN628 Datasheet HTML 5Page - STMicroelectronics AN628 Datasheet HTML 6Page - STMicroelectronics AN628 Datasheet HTML 7Page - STMicroelectronics AN628 Datasheet HTML 8Page - STMicroelectronics AN628 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3/35
AN628 APPLICATION NOTE
Figure 2.
3) RMS switch current
4) Average diode current
IDavg = IO
5) RMS diode current
6) Total RMS capacitor (CO) current
7) RMS twice line frequency capacitor current
8) RMS high frequency capacitor current
The figure 3 shows the above mentioned quantities, normalized to the D.C. output current (IO), plotted versus
VIpk / VO ratio. Moreover, the ILpk · ILrms normalized to IO
2 value, related to the inductor energy (I2 · L), is plotted
in the diagram (dotted line). This last plot gives an idea on the heavy increase of the inductor size operating
with large input voltage range.
Obviously, in real application the efficiency is less than 100% (
η < 1). The output voltage ripple, related to the
output capacitor (CO) is a parameter to be considered. The inductor high frequency current ripple (
∆IL) is anoth-
er parameter affected by the inductor value (L), the switching frequency (fsw) and the delivered power (PO).
L
IL
IQ
ID
IO
D
D94IN119
Q
CONTROLLER
Cin
IC
CO
LOAD
~
~
I
Qrms
P
O
V
lpk
-----------
2
16 V
lpk
⋅
3
π V
O
⋅⋅
-----------------------
–
⋅
=
I
Drms
P
O
V
lpk
-----------
16 V
lpk
⋅
3
π V
O
⋅⋅
-----------------------
⋅
=
I
C
I
O
16 V
O
⋅
3
π V
Ipk
⋅⋅
---------------------------
1
–
=
I
C2f
()rms
I
O
2
-------
=
I
Chf
()rms
I
O
16 V
O
⋅
3
π V
lpk
⋅⋅
--------------------------
1.5
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com