Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 5 Page - STMicroelectronics

  AN628 Datasheet HTML 1Page - STMicroelectronics AN628 Datasheet HTML 2Page - STMicroelectronics AN628 Datasheet HTML 3Page - STMicroelectronics AN628 Datasheet HTML 4Page - STMicroelectronics AN628 Datasheet HTML 5Page - STMicroelectronics AN628 Datasheet HTML 6Page - STMicroelectronics AN628 Datasheet HTML 7Page - STMicroelectronics AN628 Datasheet HTML 8Page - STMicroelectronics AN628 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5/35
AN628 APPLICATION NOTE
CONTROLLER FUNCTION DESCRIPTION.
The L4981 I.C. controls the conversion process with a continuous mode average current method, using two con-
trol loops (current loop and voltage loop) see fig. 5. Moreover, several internal functions ensure high quality con-
version performance.
A description of the internal blocks will be detailed in the design criteria section and pin description. However,
referring to fig. 4, here below a brief description of the main functions is done:
Multiplier block.
This block produces an output current (programming current) as a product result of four different input signals
(see fig. 13 for details). The multiplier output current, through a resistor connected to the negative side of a
sense resistor, determines the error signal to the current loop.
Figure 5.
Figure 6.
Operational amplifier blocks.
Two amplifiers allow loop control. The first one (E/A), feeds back the output voltage (VO) and delivers its output
to the multiplier block. The second (C/A), feeds back the line current and produces the reference for the PWM
section.
CURRENT
CONTROL LOOP
POWER
STAGE
VOLTAGE
CONTROL LOOP
LOAD
LINE
D94IN061
L
Raux
REF
Iaux
IPK
Ripk
I
11 8.5V
Iipk
-
+
OSC
S
R
Q
Ipk
RS
1,10
GND
D94IN062A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com