Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN628 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN628
Description  DESIGNING A HIGH POWER FACTOR SWITCHING
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN628 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN628 Datasheet HTML 15Page - STMicroelectronics AN628 Datasheet HTML 16Page - STMicroelectronics AN628 Datasheet HTML 17Page - STMicroelectronics AN628 Datasheet HTML 18Page - STMicroelectronics AN628 Datasheet HTML 19Page - STMicroelectronics AN628 Datasheet HTML 20Page - STMicroelectronics AN628 Datasheet HTML 21Page - STMicroelectronics AN628 Datasheet HTML 22Page - STMicroelectronics AN628 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19/35
AN628 APPLICATION NOTE
The power transferred by the inductor in each cycle
where: ton =
δ / fsw and δ = (VO - VIt) / VO
For a given L, the twice ripple current
∆IL is the quantity associated to the transferred energy and can be calcu-
lated as a certain percentage of the ILpk inductor current.
If the maximum Vlpk value is higher than the VO/2, the maximum
∆IL occours when VIt =
and its value is
If the Vlpk maximum value does not reach VO/2 voltage value, the maximum
∆IL is reduced and its value is :
.
In continuous mode operation, an acceptable curent ripple level (Kr) can be considered between 10% to 35%.
Smaller current ripple on the inductor involves smaller noise on the rectified main bus reducing the input filter
size; but the ripple reduction will impose an increase of the boost inductor.
The high voltage, the flux density and the frequency range make the standard high frequency ferrite the most
useful material in P.F.C. applications. To avoid the core saturation, related to the high permeability materials, it
is necessary built an air-gap in order to allow an adequate magnetic force range (H+Hgap).
An easy approach, is to have an approximated minimum value of core size that could be used to perform the
conversion:
Volume
≥
where : K = specific energy constant.
L = Boost inductor value in H.
The specific energy constant (K), mainly depends on the ratio between the gap length (lgap) and the effective
length (leff) of the magnetic core set and on the maximum
∆B swing. Practically
can be used to get the minimum volume of the core set in cm3. After the minimum core-set size is estimated,
the suitable type will be selected with technical and economic evaluations.
Next step will be the design of the coil parameters.
The above mentioned formula
P
t
LI
Lt
I
L
∆
⋅⋅
t
on
--------------------------
=
I
L
∆
V
lt
V
O
V
lt
–
()
⋅
V
O
f
sw
L
⋅⋅
-------------------------------------
=
V
O
2
--------
I
Lmax
()
∆
V
O
4f
sw
L
⋅⋅
-----------------------
=
I
Lmax
()
∆
V
lpk VO
V
lpk
–
()
V
O
f
sw
L
⋅⋅
-----------------------------------------
=
K
r
I
L
∆
2I
Lpk
⋅
------------------
=
KLI
Lpk
I
Lpk
I
L
∆
2
--------
+


⋅⋅
⋅
K14
I
eff
I
gap
----------
⋅
≈
P
Ot
LI
Lt
I
L
∆
⋅⋅
t
on
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com