Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 5Page - STMicroelectronics AN2713 Datasheet HTML 6Page - STMicroelectronics AN2713 Datasheet HTML 7Page - STMicroelectronics AN2713 Datasheet HTML 8Page - STMicroelectronics AN2713 Datasheet HTML 9Page - STMicroelectronics AN2713 Datasheet HTML 10Page - STMicroelectronics AN2713 Datasheet HTML 11Page - STMicroelectronics AN2713 Datasheet HTML 12Page - STMicroelectronics AN2713 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AN2713
Pin description
Doc ID 14431 Rev 1
9/40
2
Pin description
The LNBH23 is available in exposed pad PowerSSO-24 or QFN32 packages for surface
mount assembly. Figure 4 shows the device pinouts for each package. Table 1 briefly
summarizes the pin functionality.
Figure 4.
LNBH23 pin configuration
Table 1.
LNBH23 pin description
Pin n°
QFN32
Pin n°
PSSO-24
Symbol
Name
Pin Function
19
17
VCC
Supply input
8 to 15 V IC DC-DC power supply
18
16
VCC–L
Supply input
8 to 15 V analog power supply
4
6
Lx
NMOS drain
Integrated N-channel power MOSFET drain
27
22
VUP
Step-up voltage
Input of the linear post-regulator. The voltage on this pin
is monitored by the internal step-up controller to keep a
minimum dropout across the linear pass transistor
21
19
VoRX
LDO output port
Output of the integrated linear post-regulator
22
20
V
oTX
Output port for
22 kHz
tone TX
TX output to the LNB
6
8
SDA
Serial data
Bi-directional data from/to I2C bus
9
9
SCL
Serial clock
Clock from I2C bus
12
12
DSQIN
DiSEqC input
This pin accepts the DiSEqC code from the main
microcontroller. The LNBH23 uses this code to modulate
the internally-generated 22 kHz carrier. Set this pin to
ground if not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com