Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 8Page - STMicroelectronics AN2713 Datasheet HTML 9Page - STMicroelectronics AN2713 Datasheet HTML 10Page - STMicroelectronics AN2713 Datasheet HTML 11Page - STMicroelectronics AN2713 Datasheet HTML 12Page - STMicroelectronics AN2713 Datasheet HTML 13Page - STMicroelectronics AN2713 Datasheet HTML 14Page - STMicroelectronics AN2713 Datasheet HTML 15Page - STMicroelectronics AN2713 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Component selection guidelines
AN2713
12/40
Doc ID 14431 Rev 1
3.1
Input capacitors
An electrolytic bypass capacitor (C1 in Figure 5) between 100 µF and 470 µF located close
to the LNBH23 is needed for stable operation. In any case, a ceramic capacitor between 100
nF and 470 nF is recommended to reduce the switching noise at the input voltage pin.
3.2
Ferrite bead
The most important parameter when selecting the ferrite bead is the rated current. Ensure
that the ferrite has a current rating of at least 2 A and impedance higher than 60
Ω at 100
MHz.
3.3
DC-DC converter output capacitors
Two low-cost electrolytic capacitors are needed on the DC-DC converter output stage (C3
and C5 in Figure 5). Moreover, two ceramic capacitors are recommended to reduce high
frequency switching noise. The switching noise is due to the voltage spikes of the fast
switching action of the output switch, and to the parasitic inductance of the output
capacitors. To minimize these voltage spikes, special low-inductance ceramic capacitors
can be used, and their lead lengths must be kept short and as close as possible to the IC
pins (C4 and C6 in Figure 5). To further reduce switching noise, a ferrite bead is
recommended between the capacitors (see Section 3.2 for required rating and impedance).
C8, C10,
C11
0.22 µF 35 V ceramic capacitors
C12
0.01 µF 35 V ceramic capacitor
R1
100
Ω 1/4 W resistor
R2 (RSEL)11 kΩ 1/16 W resistor (see Section 3.6)
R3
10 k
Ω 1/4 W resistor
R4
15
Ω 1/4 W resistor
D1
STPS130A or similar Schottky diode (see Section 3.4)
D2, D4
BAT43 BAT43 (or Schottky diode with IF(AV)>0.2 A, VRRM>25 V) or BAT30, BAT54, TMM BAT43,
1N5818
D3
1N4007
L1
22 µH Inductor with Isat>IPEAK (see Section 3.5)
L2
Ferrite bead filter; recommended part numbers: Panasonic EXCELS A35, Murata BL01RN1-A62 or
equivalent with similar or higher impedance and current rating higher than 2 A (see Section 3.2)
L3
220 µH inductor with current rating higher than rated output current
TVS
LNBTVS22-XX TVS protection diode is recommended. Other solutions can be used depending on
the level of surge protection required (see Section 3.9)
Table 2.
LNBH23 demonstration board BOM list (continued)
Component
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com