Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 7Page - STMicroelectronics AN2713 Datasheet HTML 8Page - STMicroelectronics AN2713 Datasheet HTML 9Page - STMicroelectronics AN2713 Datasheet HTML 10Page - STMicroelectronics AN2713 Datasheet HTML 11Page - STMicroelectronics AN2713 Datasheet HTML 12Page - STMicroelectronics AN2713 Datasheet HTML 13Page - STMicroelectronics AN2713 Datasheet HTML 14Page - STMicroelectronics AN2713 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AN2713
Component selection guidelines
Doc ID 14431 Rev 1
11/40
3
Component selection guidelines
The LNBH23 application schematic in Figure 5 shows the typical configuration for a single
LNB power supply.
Figure 5.
LNB power supply schematic using the LNBH23
Note:
TVS diode to be used if surge protection is required (see Section 3.9).
Table 2.
LNBH23 demonstration board BOM list
Component
Notes
IC1
LNBH23 PSSO-24 ePad for STEVAL-CBL003V1
LNBH23 QFN32 ePad for STEVAL-CBL005V1
C1
100 µF 35 V electrolytic capacitor, higher value is suitable
C3, C5
100 µF 25 V electrolytic capacitor, ESR in the 150 m
Ω to 350 mΩ range (see Section 3.3)
C9
10 µF 35 V electrolytic capacitor
C2, C7
0.1 µF 35 V ceramic capacitors
C4, C6
0.47 µF 35 V ceramic capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com