Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 16Page - STMicroelectronics AN2713 Datasheet HTML 17Page - STMicroelectronics AN2713 Datasheet HTML 18Page - STMicroelectronics AN2713 Datasheet HTML 19Page - STMicroelectronics AN2713 Datasheet HTML 20Page - STMicroelectronics AN2713 Datasheet HTML 21Page - STMicroelectronics AN2713 Datasheet HTML 22Page - STMicroelectronics AN2713 Datasheet HTML 23Page - STMicroelectronics AN2713 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Other application circuits
AN2713
20/40
Doc ID 14431 Rev 1
Figure 9.
External circuit protection schematic
The Schottky diode prevents the reverse voltage from flowing into the VoRx pin (internally
connected to the linear regulator). In applications where a reverse DC voltage (up to 60 V) is
forced and low Vout tolerance is required, the recommended part number is STPS3L60U. In
any case, it is possible to use a different part based to the DC reverse voltage. D3 shields
the VoTx pin because it discharges the reverse voltage into the Vup capacitor and D4c
(suggested part number SM2T18A) is mandatory for DC reverse voltage
≥ 25 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com