Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 13Page - STMicroelectronics AN2713 Datasheet HTML 14Page - STMicroelectronics AN2713 Datasheet HTML 15Page - STMicroelectronics AN2713 Datasheet HTML 16Page - STMicroelectronics AN2713 Datasheet HTML 17Page - STMicroelectronics AN2713 Datasheet HTML 18Page - STMicroelectronics AN2713 Datasheet HTML 19Page - STMicroelectronics AN2713 Datasheet HTML 20Page - STMicroelectronics AN2713 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AN2713
Other application circuits
Doc ID 14431 Rev 1
17/40
4
Other application circuits
The following paragraphs present two particular application solutions: the first can be used
to reduce the 18 V to 13 V transition time, while the second is designed to improve lightning
surge protection.
4.1
18 V to 13 V fast transition with high bus capacitance
In cases of very high bus capacitance (Cbus>10 µF) and very low output current, an
external circuit (with a 4.7 V Zener diode and a 100
Ω series resistor) can be added to
reduce 18 V to 13 V transition fall time, as shown in Figure 6.
Figure 6.
External circuit to reduce 18 V to 13 V fall time transition
The TTX bit (or pin) must be set high only during the transition from 18 V to 13 V. The TTX
function activates only the push-pull circuit, but not the tone output. The 22 kHz tone is
activated only when the TEN bit (or DSQIN pin) is also set high and injected into the LNB
bus through the 10 µF capacitor.
When the TTX function is activated, the VoTx voltage is internally set at 5 V (typ). below the
Vout (for example, if Vout=18 V then VoTx=18-5=13 V) and, at the same time, the P-channel
is enabled to sink current (note: the P-channel is internally current-limited).
With a 4.7 V Zener diode, when TTX=high, the current through the Zener is: Iz=(5-
4.7)/100=3 mA. If TTX=low, the current through the Zener is negligible.
If there is a high output capacitance present, during the transition from 18 V to 13 V (with
TTX=high), the voltage drop (Vout-VoTx) is increased because the VoTx goes quickly to low
level (at 13 V-5 V=8 V) and, consequently, the Zener current is also increased until the
output capacitance is discharged to 13 V. For example, with 100 µF on the output, the 18 V
to 13 V fall time is about 25 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com