Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 14Page - STMicroelectronics AN2713 Datasheet HTML 15Page - STMicroelectronics AN2713 Datasheet HTML 16Page - STMicroelectronics AN2713 Datasheet HTML 17Page - STMicroelectronics AN2713 Datasheet HTML 18Page - STMicroelectronics AN2713 Datasheet HTML 19Page - STMicroelectronics AN2713 Datasheet HTML 20Page - STMicroelectronics AN2713 Datasheet HTML 21Page - STMicroelectronics AN2713 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Other application circuits
AN2713
18/40
Doc ID 14431 Rev 1
The following steps must be taken to ensure the correct implementation of 18 to 13 V
transition with the VoTx addition circuit shown in Figure 6:
●
T0: to start the 18 V to 13 V transition the TTX function must be activated at least
0.5 ms before setting the VSEL I2C bit (set HIGH TTX I2C bit or TTX pin).
●
T1: set LOW VSEL I2C bit.
●
T2: after 30 ms, 18 V to 13 V LNB transition time is elapsed at T2. The 30 ms delay is
valid to ensure 18 V to 13 V complete transition in case of Cbus=100 µF and
Iout=0 mA. The delay time can be modified with different Cbus capacitance and output
current value.
Figure 7.
Fast transition timing sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com