Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 28Page - STMicroelectronics AN2713 Datasheet HTML 29Page - STMicroelectronics AN2713 Datasheet HTML 30Page - STMicroelectronics AN2713 Datasheet HTML 31Page - STMicroelectronics AN2713 Datasheet HTML 32Page - STMicroelectronics AN2713 Datasheet HTML 33Page - STMicroelectronics AN2713 Datasheet HTML 34Page - STMicroelectronics AN2713 Datasheet HTML 35Page - STMicroelectronics AN2713 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Software installation
AN2713
32/40
Doc ID 14431 Rev 1
6.1
How to use the LNBH23 demonstration board with the
LNBxxx control suite software
To power the IC, place a check in the EN checkbox and click the "Send I2C Pattern" button.
If the device accepts the command string, the green indicator turns on. If there is no
powerup after sending the command, it may be that the 12 V power supply is not sufficient
to start the application, and more current capability is needed.
The screenshot in Figure 31 shows the following conditions:
●
EN=1=ON
●
Vout=13.4 Vtyp
Figure 31.
Power-on at 13.4 V
A status light “on” for OLF, OTF, TMON, VMON and IMON indicates that an error has
occurred.
Light on=22 kHz
tone absence
Light on=load less than 6 mA
(ITest=0) or 12 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com