Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 15Page - STMicroelectronics AN2713 Datasheet HTML 16Page - STMicroelectronics AN2713 Datasheet HTML 17Page - STMicroelectronics AN2713 Datasheet HTML 18Page - STMicroelectronics AN2713 Datasheet HTML 19Page - STMicroelectronics AN2713 Datasheet HTML 20Page - STMicroelectronics AN2713 Datasheet HTML 21Page - STMicroelectronics AN2713 Datasheet HTML 22Page - STMicroelectronics AN2713 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AN2713
Other application circuits
Doc ID 14431 Rev 1
19/40
Figure 8.
Fast transition timing control with 22 kHz tone
If the internal 22 kHz tone generator is activated (TEN I2C bit or DSQIN pin is set high), at
T1 set low the VSEL I2C bit or VCTRL pin and after 25 ms, 18 V to 13 V LNB transition time
is elapsed at T2.
4.2
Reverse voltage and lightning surge protection
Figure 9 shows a suggested schematic to improve output circuit protection in applications
where:
●
TVS diode with Vclamp voltage of 25 V is required
●
an external power supply source could force a reverse DC voltage of 25 V on the LNB
bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com