Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 10Page - STMicroelectronics AN2713 Datasheet HTML 11Page - STMicroelectronics AN2713 Datasheet HTML 12Page - STMicroelectronics AN2713 Datasheet HTML 13Page - STMicroelectronics AN2713 Datasheet HTML 14Page - STMicroelectronics AN2713 Datasheet HTML 15Page - STMicroelectronics AN2713 Datasheet HTML 16Page - STMicroelectronics AN2713 Datasheet HTML 17Page - STMicroelectronics AN2713 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Component selection guidelines
AN2713
14/40
Doc ID 14431 Rev 1
In this condition the switch peak current is calculated using the formula in Equation 2.
Equation 2
where
●
Eff is the efficiency of the DC-DC converter (93% typ. at highest load)
●
L is the inductance (22 µH typ.)
●
F is the PWM frequency (220 kHz typ.).
Example:
Application conditions:
●
Voutmax= 19.2 V (supposing EN=VSEL=1, LLC=0)
●
Vinmin= 11 V
●
Vupmax=Voutmax+Vdrop= 19.2 V+0.75 V= 19.95 V
●
Ioutmax= 500 mA
●
Eff=90%
Based on Equation 2 and the preceding application conditions, IPEAK is:
Equation 3
Several inductors suitable for the LNBH23 are listed in theTable 4, although there are many
other manufacturers and devices that can be used. Consult each manufacturer for more
detailed information and for their entire selection of related parts, since many different
shapes and sizes are available. Ferrite core inductors should be used to obtain the best
efficiency. Choose an inductor that can handle at least the IPEAK current without saturating,
and ensure that the inductor has a low DCR (copper wire resistance) to minimize power
losses and, consequently, to maximize total efficiency.
Table 4.
Recommended inductors
Vendor
Part number
Isat(A)
DRC (m
Ω)
Mounting type
Sumida
CD104-220MC
RHC110-220M
1.6
2.4
67
88
SMD
Through-hole
Toko
822LY-220K
824LY-220K
A671HN-220L
A814LY-220M
1.3
1.72
2.44
2.0
70
76
21
75
Through-hole
Through-hole
Through-hole
SMD
Ipeak
VUP
max
Iout
max
⋅
Eff Vin
min
⋅
------------------------------------------------
Vin
min
2LF
----------------- 1
Vin
min
VUP
max
----------------------
–
⎝⎠
⎛⎞
+
=
Ipeak
19.95 0.5
⋅
0.9 11
⋅
---------------------------
11
22210
6
–
220 10
3
⋅⋅
⋅
⋅
----------------------------------------------------------- 1
11
19.95
---------------
–
⎝⎠
⎛⎞
1.52 A
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com