Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 32Page - STMicroelectronics AN2713 Datasheet HTML 33Page - STMicroelectronics AN2713 Datasheet HTML 34Page - STMicroelectronics AN2713 Datasheet HTML 35Page - STMicroelectronics AN2713 Datasheet HTML 36Page - STMicroelectronics AN2713 Datasheet HTML 37Page - STMicroelectronics AN2713 Datasheet HTML 38Page - STMicroelectronics AN2713 Datasheet HTML 39Page - STMicroelectronics AN2713 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AN2713
Software installation
Doc ID 14431 Rev 1
37/40
If the PCL checkbox is checked, a simple output short-circuit current clamp is set. If not, the
overcurrent protection circuit works dynamically: as soon as an overload is detected, the
output current is provided for 90 ms (typ.), after which the output is set in shutdown for a
time TOFF of 900 ms (typ). Simultaneously, the diagnostic OLF I2C bit of the system register
is set high. This feature allows the reduction of the total power dissipation during an
overload or a short-circuit condition:
●
EN=1, PCL=1
●
Vout=13.4 Vtyp
Figure 37.
PCL deactivation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com