Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 9Page - STMicroelectronics AN2713 Datasheet HTML 10Page - STMicroelectronics AN2713 Datasheet HTML 11Page - STMicroelectronics AN2713 Datasheet HTML 12Page - STMicroelectronics AN2713 Datasheet HTML 13Page - STMicroelectronics AN2713 Datasheet HTML 14Page - STMicroelectronics AN2713 Datasheet HTML 15Page - STMicroelectronics AN2713 Datasheet HTML 16Page - STMicroelectronics AN2713 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AN2713
Component selection guidelines
Doc ID 14431 Rev 1
13/40
The most important parameter for the output capacitors is the effective series resistance
(ESR). The DC-DC converter control loop circuit has been designed to work properly with
low-cost electrolytic capacitors which have ESR in the range of 200 m
Ω. A 100 µF output
filter capacitor with ESR between 150 m
Ω and 350 mΩ is a good choice in most application
conditions. It is also possible to use electrolytic capacitors up to 220 µF with ESR between
100 m
Ω and 300 mΩ. The capacitor voltage rating must be at least 25 V, but if the highest
voltage selection condition is used (AUX=1), 35 V or higher voltage capacitors are
suggested.
3.4
DC-DC converter Schottky diode
In typical application conditions it is beneficial to use a 1 A Schottky diode which is suitable
for the LNBH23 DC-DC converter. Taking into consideration that the DC-DC converter
Schottky diode must be selected depending on the application conditions (VRRM > 25 V), an
N-channel Schottky diode like the STPS130A is recommended.
The average current flowing through the Schottky diode is lower than IPEAK and can be
calculated using Equation 1. In worst-case conditions, such as low input voltage and higher
output current, a Schottky diode capable of supporting the IPEAK should be selected. IPEAK
can be calculated using Equation 2.
Equation 1
3.5
DC-DC converter inductor
The LNBH23 operates with a standard 22 µH inductor for the entire range of supply voltages
and load current. The inductor saturation current rating (where inductance is approximately
70% of zero current inductance) must be greater than the switch peak current (IPEAK)
calculated at:
●
maximum load (Ioutmax)
●
minimum input voltage (Vinmin)
●
maximum DC-DC output voltage (VUPmax =Voutmax +0.75 V)
Table 3.
Recommended Schottky diode
Vendor
Part number
IF(av)
VF(max)
STMicroelectronics
1N5818
1 A
0.50 V
1N5819
1 A
0.55 V
STPS130A
1 A
0.46 V
STPS1L30A
1 A
0.30 V
STPS2L30A
2 A
0.45 V
1N5822
3 A
0.52 V
STPS340
3 A
0.63 V
STPS3L40A
3 A
0.5 V
Id
Iout
Vout
Vin
-------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com