Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2713 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2713
Description  LNB power supply based on the LNBH23 supply
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2713 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2713 Datasheet HTML 21Page - STMicroelectronics AN2713 Datasheet HTML 22Page - STMicroelectronics AN2713 Datasheet HTML 23Page - STMicroelectronics AN2713 Datasheet HTML 24Page - STMicroelectronics AN2713 Datasheet HTML 25Page - STMicroelectronics AN2713 Datasheet HTML 26Page - STMicroelectronics AN2713 Datasheet HTML 27Page - STMicroelectronics AN2713 Datasheet HTML 28Page - STMicroelectronics AN2713 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AN2713
Layout guidelines
Doc ID 14431 Rev 1
25/40
Figure 18.
STEVAL-CBL003V1 connectors
Figure 19.
STEVAL-CBL005V1 connectors
AM01392v1
CN3
To supply LNB
VoTX=Vout test point
CN2
To supply the demonstration board
(Typ. 12 VDC) Use a power supply
with a 3 A clamp current or higher
CN1
ADDR tip
: Connect ADDR pin to ground to set
I
2C address = 02
CN5
I
2C interface connections :
For data transmissions from the I C
interface to the LNBH23 and vice-
versa. Care should be taken to ensure
proper connection of the I C interface
2
2
AM01393v1
CN6
To supply LNB
VoTX=Vout test point
CN
1
To supply the demo board
(Typ. 12 V DC) Use a power supply
with a 3 A clamp current or higher
CN2
ADDR tip
: Connect ADDR pin to ground to set
I2C address = 02
CN3
I
2
C interface connections
:
For data transmissions from I C
interface to the LNBH23 and vice-
versa.
2
Care should be taken to ensure
proper connection of the I C interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com