Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 9Page - STMicroelectronics AN3286 Datasheet HTML 10Page - STMicroelectronics AN3286 Datasheet HTML 11Page - STMicroelectronics AN3286 Datasheet HTML 12Page - STMicroelectronics AN3286 Datasheet HTML 13Page - STMicroelectronics AN3286 Datasheet HTML 14Page - STMicroelectronics AN3286 Datasheet HTML 15Page - STMicroelectronics AN3286 Datasheet HTML 16Page - STMicroelectronics AN3286 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
13/42
While the frequency fold-back is active, uneven switching cycles may be observed, due to
the fact that the OFF time of the MOSFET is allowed to change with discrete steps
(MOSFET is switched on always in the valley) while the OFF time needed for cycle-by-cycle
energy balance may fall in between. One or more longer switching cycles is then
compensated by one or more shorter ones, and vice versa.
This phenomenon (shown in Figure 10) is completely normal and there is no appreciable
effect on the performance of the converter and its output voltage.
Figure 11 shows the changes of the switching frequency vs. the transformer input power
(almost proportional to the output power) for two different input voltages.
Figure 11.
Switching frequency vs. transformer input power
Figure 9.
Drain current and voltage at
230 VAC 0.7 A (valley skip.)
Figure 10.
Drain current and voltage at
115 VAC 0.6 A (uneven cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com