Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 33Page - STMicroelectronics AN3286 Datasheet HTML 34Page - STMicroelectronics AN3286 Datasheet HTML 35Page - STMicroelectronics AN3286 Datasheet HTML 36Page - STMicroelectronics AN3286 Datasheet HTML 37Page - STMicroelectronics AN3286 Datasheet HTML 38Page - STMicroelectronics AN3286 Datasheet HTML 39Page - STMicroelectronics AN3286 Datasheet HTML 40Page - STMicroelectronics AN3286 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
AN3286
Test equipment and measurement of efficiency and light load performance
Doc ID 17998 Rev 1
37/42
Appendix A
Test equipment and measurement of
efficiency and light load performance
The converter input power has been measured using a wattmeter. The wattmeter
simultaneously measures the converter input current (using its internal ammeter) and
voltage (using its internal voltmeter). The wattmeter is a digital instrument, so it samples the
current and voltage and converts them into digital forms. The digital samples are then
multiplied, yielding the instantaneous measured power. The sampling frequency is in the
range of 20 kHz (or higher, depending on the instrument used). The display provides the
average measured power, averaging the instantaneous measured power in a short period of
time (1 s typ.).
Figure 51 shows how the wattmeter is connected to the UUT (unit under test) and to the AC
source, as well as the wattmeter’s internal block diagram.
An electronic load has been connected to the output of the power converter (UUT), enabling
the user to set and measure the converter load current, while the output voltage has been
measured by a voltmeter. The output power is the product of the load current vs. output
voltage.
The ratio between the output power, calculated as previously mentioned, and the input
power, measured by the wattmeter, is the converter’s efficiency. It has been measured in
different input/output conditions acting on the AC source and on the electronic load.
Notes on input power measurement
This section shows two possible connections between the wattmeter and the unit under test
(UUT) for power measurements, each represented in Figure 51 by the connection of the
switch either in position 1 or in position 2.
Figure 51.
Connection of the UUT to the wattmeter for power measurements
If the switch shown in Figure 51 is in position 1 (see also the simplified scheme in
Figure 52), the ammeter’s internal shunt resistance (which is higher than zero) must be
taken into account. This resistance produces a voltage drop (then an input measured
voltage) higher than the input voltage at the UUT's input. This voltage drop is generally
negligible if the UUT's input current is low (for example, when measuring the input power of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com