Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 27Page - STMicroelectronics AN3286 Datasheet HTML 28Page - STMicroelectronics AN3286 Datasheet HTML 29Page - STMicroelectronics AN3286 Datasheet HTML 30Page - STMicroelectronics AN3286 Datasheet HTML 31Page - STMicroelectronics AN3286 Datasheet HTML 32Page - STMicroelectronics AN3286 Datasheet HTML 33Page - STMicroelectronics AN3286 Datasheet HTML 34Page - STMicroelectronics AN3286 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
31/42
The OVP protection is in auto-restart mode; after the shutdown for the protection tripping,
the VDD recycles and, if the overvoltage is still present, the protection is tripped again,
indefinitely, until the cause of the fault is removed, at which point the converter resumes
normal operation, as shown in Figure 39.
2.10
Brownout protection
Brownout protection is basically a not-latched device shutdown function activated when the
mains voltage falls below the minimum specification of normal operation. There are several
reasons why it may be desirable to shut down a converter during a brownout condition.
Firstly, to avoid overheating of the primary power section due to an excess of RMS current.
Secondly, to avoid spurious restarts during converter power-down, which may cause the
output voltage to not decay to zero monotonically. A typical example of this happens when
the mains is unplugged in a converter designed for the European range (230 VAC). The
converter is shut down due to the overload protection (due to the low input voltage the
converter is not able to supply the full power) but the voltage on the bulk capacitor is still
higher than VDRAIN RESTART, so the device starts again and the output voltage rises again.
This situation may be dangerous for some loads and in many applications it is advisable to
avoid it.
If this protection is required, the BR pin of VIPer25 must be connected to the DC HV bus
through a voltage divider. Otherwise the pin is to be connected to GND (the function is
disabled until VBR is lower than VDIS, which is 50 mV typ., as shown in Figure 41). In the
presented converter both settings are possible acting on the jumper J (see schematic in
Figure 2).
The BR pin is the inverting input of a comparator whose non-inverting input is internally
referenced to VBRth (0.45 V typ.). The PWM is disabled if the voltage applied at the BR pin is
below VBRth, and is enabled when the BR pin voltage is above VBRth + VBRhyst, where
VBRhyst is a voltage hysteresis (50 mV, typ. value) that ensures noise immunity.
The brownout comparator is also provided with current hysteresis; an internal current
generator, IBRhyst (9.5 µA typ.), is ON as long as the voltage applied at the brownout pin is
below VBRth and is OFF if the voltage is above VBRth + VBRhyst.
Figure 39.
Auto-restart mode of the
overvoltage protection
Figure 40.
Auto-restart mode of the
overvoltage protection - zoom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com