Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 21Page - STMicroelectronics AN3286 Datasheet HTML 22Page - STMicroelectronics AN3286 Datasheet HTML 23Page - STMicroelectronics AN3286 Datasheet HTML 24Page - STMicroelectronics AN3286 Datasheet HTML 25Page - STMicroelectronics AN3286 Datasheet HTML 26Page - STMicroelectronics AN3286 Datasheet HTML 27Page - STMicroelectronics AN3286 Datasheet HTML 28Page - STMicroelectronics AN3286 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
25/42
If the load power demand exceeds the converter power capability, the FB pin voltage
exceeds VFBlin, the internal pull-up of the pin is disconnected and the pin starts sourcing
a 3 µA current that charges the capacitor C7 of the schematic in Figure 2.
As the voltage across the FB pin reaches the VFB_olp threshold (4.8 V typical), the VIPer25
stops switching (see Figure 26) and is not allowed to switch again until the VDD voltage has
fallen below VDD_RESTART (4.5 V typical) and risen again up to VDD_ON (14 V typical, see
Figure 25). Therefore the value of C7 defines the maximum duration of an overload event
without shutting down the IC.
If the overload (or short-circuit) is not removed, the protection is tripped again and the
system works in auto-restart mode (see Figure 25, 27, and 29).
If the overload disappears, the converter resumes normal working mode at the first VDD
recycling, as shown in Figure 29 and 30.
C7 is needed because usually the value of the C6 capacitor, coming from the loop stability
calculations, is too small to ensure an OLP delay time long enough to bypass the initial
output voltage transient at startup. The value of C7 can be chosen high enough to provide
the needed delay, and the value of R12 chosen so that the R12-C7 pole does not affect the
stability of the loop.
During an overload the converter is operated at a very low duty cycle, being the MOSFET
kept in the OFF state for most of the time. This results in a very low average power
throughput, which is safe for the power elements in this condition.
Figure 25.
OLP: output short and protection
tripping
Figure 26.
OLP: output short and protection
tripping - zoom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com