Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 26Page - STMicroelectronics AN3286 Datasheet HTML 27Page - STMicroelectronics AN3286 Datasheet HTML 28Page - STMicroelectronics AN3286 Datasheet HTML 29Page - STMicroelectronics AN3286 Datasheet HTML 30Page - STMicroelectronics AN3286 Datasheet HTML 31Page - STMicroelectronics AN3286 Datasheet HTML 32Page - STMicroelectronics AN3286 Datasheet HTML 33Page - STMicroelectronics AN3286 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Testing the board
AN3286
30/42
Doc ID 17998 Rev 1
2.9
Output overvoltage protection
During the power MOSFET OFF time the voltage generated by the auxiliary winding tracks
the converter’s output voltage, through the transformer’s auxiliary-to-secondary turn ratio.
The diode D2 is forward biased, and the voltage divider made up of R14 and R3 (see
Figure 2 and Figure 35) between the auxiliary winding and the ZCD pin performs an output
voltage monitor function; if the voltage applied to the ZCD pin exceeds the internal VOVP
threshold (4.2 V typical) for four consecutive switching cycles, the controller recognizes an
overvoltage condition and shuts down the converter. This is done to provide high noise
immunity and avoid spikes erroneously tripping the protection. To re-enable operation the
VDD voltage must be recycled.
As the value of R3 has already been selected as a consequence of the maximum output
power that the converter must deliver, R14 can be chosen according to the following formula
to reach the desired output overvoltage threshold, VOUT_OVP:
Equation 4
where Vγ D2 and Vγ D4 are the forward drop of the diodes D2 and D4 respectively, NAUX and
NSEC are the auxiliary and secondary turns numbers respectively, and IZCD is the pull-up
current exiting the ZCD pin.
The above formula, solved for VOUT_OVP, gives about 6.5 V for the setting of the presented
board.
This value has been verified experimentally, short-circuiting the lower resistor (R9) of the
output voltage divider and therefore producing an output overvoltage, as shown in the
figures below. In Figure 37 it is possible to see that, as VOUT reaches the value of about
6.5 V, the converter stops switching. In the same figure the ZCD pin voltage and the FB pin
voltage are given. The crest value of the ZCD pin voltage during the MOSFET OFF time
tracks the output voltage. The converter is shut down as the ZCD pin voltage reaches the
VOVP threshold (4 V, within the tolerance), as shown in Figure 38.
R
OVP
R14
()
1
V
OVP
R
LIM
R 3
()
--------------------------
I
ZCD
–
--------------------------------------------
N
AUX
N
SEC
--------------
V
OU T OVP
VϒD4 VϒD2
–
+
() V
OVP
–
⋅⋅
=
Figure 37.
Output overvoltage protection at
115 VAC 0.2 A
Figure 38.
Output overvoltage protection at
115 VAC 0.2 A - zoom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com