Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 10Page - STMicroelectronics AN3286 Datasheet HTML 11Page - STMicroelectronics AN3286 Datasheet HTML 12Page - STMicroelectronics AN3286 Datasheet HTML 13Page - STMicroelectronics AN3286 Datasheet HTML 14Page - STMicroelectronics AN3286 Datasheet HTML 15Page - STMicroelectronics AN3286 Datasheet HTML 16Page - STMicroelectronics AN3286 Datasheet HTML 17Page - STMicroelectronics AN3286 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Testing the board
AN3286
14/42
Doc ID 17998 Rev 1
2.2
Regulation precision and output voltage ripple
The output voltage of the board and the VDD pin voltage (rectified auxiliary output) have
been measured in different line and load conditions. The results are given in Table 5. The
output voltage practically is not affected by the line condition.
The VDD voltage increases with the load on the regulated output; in order to avoid it
exceeding its operating range an external clamp has been used (Dz, Rz).
The ripple at the switching frequency superimposed at the output voltage has also been
measured and the results are reported in Table 6.
Table 5.
Output voltage and VDD line-load regulation
VIN (VAC)
No load
Half load
Full load
VOUT (V)
VDD (V)
VOUT (V)
VDD (V)
VOUT (V)
VDD (V)
90
5.02
8.4
4.98
18.5
4.98
20.2
115
5.02
8.3
4.97
18.5
4.97
20.2
230
5.02
8.2
4.97
18.2
4.97
20.5
265
5.03
8.1
4.96
18.1
4.96
20.5
Table 6.
Output voltage ripple
VIN (VAC)
1/10 load
Half load
Full load
VOUT (mV)
VOUT (mV)
VOUT (mV)
90
45
19
50
115
461638
230
482228
265
482527



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com