Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 29Page - STMicroelectronics AN3286 Datasheet HTML 30Page - STMicroelectronics AN3286 Datasheet HTML 31Page - STMicroelectronics AN3286 Datasheet HTML 32Page - STMicroelectronics AN3286 Datasheet HTML 33Page - STMicroelectronics AN3286 Datasheet HTML 34Page - STMicroelectronics AN3286 Datasheet HTML 35Page - STMicroelectronics AN3286 Datasheet HTML 36Page - STMicroelectronics AN3286 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
33/42
2.11
EMI measurements
Pre-compliance tests to the EN55022 (Class B) European normative have been performed
using an EMC analyzer and an LISN.
The quasi-peak and average EMC measurements at 230 VAC full load have been performed
and the results are shown in Figure 46 and 47 respectively.
Figure 42.
Input voltage steps from 60 VDC to
100 VDC - no turn-on
Figure 43.
Input voltage steps from 60 VDC to
115 VDC - turn-on
Figure 44.
Input voltage steps from 115 VDC to
88 VDC - no turn-off
Figure 45.
Input voltage steps from 115 VDC to
80 VDC - turn-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com