Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 18Page - STMicroelectronics AN3286 Datasheet HTML 19Page - STMicroelectronics AN3286 Datasheet HTML 20Page - STMicroelectronics AN3286 Datasheet HTML 21Page - STMicroelectronics AN3286 Datasheet HTML 22Page - STMicroelectronics AN3286 Datasheet HTML 23Page - STMicroelectronics AN3286 Datasheet HTML 24Page - STMicroelectronics AN3286 Datasheet HTML 25Page - STMicroelectronics AN3286 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Testing the board
AN3286
22/42
Doc ID 17998 Rev 1
The performance of the presented board is much better than required; the power
consumption is about ten times lower than the ENERGY STAR limit. Even if the
performance seems to be unproportionally better than required it is worth noting that often
AC-DC adapter or battery charger manufacturers have very strict requirements about no
load consumption, and if the converter is used as an auxiliary power supply, the line filter is
often the big line filter of the entire power supply which significantly increases consumption
in standby mode.
Even if the ENERGY STAR program does not have other requirements regarding light load
performance, in order to provide complete information the input power and efficiency of the
demonstration board, also in two other light load cases, is reported. Table 15 and 16 show
the board performances when the output load is 25 mW and 50 mW respectively.
Table 14.
Energy consumption criteria for no load
Nameplate output power (Pno)
Maximum power in no load for AC-DC EPS
0 to
≤ 50 watts
< 0.3 watts
> 50 watts < 250 watts
< 0.5 watts
Table 15.
Light load performance POUT = 25 mW
VIN (VAC)
POUT (mW)
PIN (mW)
Eff. (%)
PIN - POUT (mW)
90
25
46
54.35
21
115
25
48
52.08
22
150
25
51
49.01
26
180
25
53
47.17
28
230
25
60
41.67
35
265
25
66
37.88
38
Table 16.
Light load performance. POUT = 50 mW
VIN (VAC)
POUT (mW)
PIN (mW)
Eff. (%)
PIN - POUT (mW)
90
50
76.5
65.40
27
115
50
78
64.10
28
150
50
81
61.73
31
180
50
85
58.82
35
230
50
92
54.34
42
265
50
98
51.02
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com