Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 19Page - STMicroelectronics AN3286 Datasheet HTML 20Page - STMicroelectronics AN3286 Datasheet HTML 21Page - STMicroelectronics AN3286 Datasheet HTML 22Page - STMicroelectronics AN3286 Datasheet HTML 23Page - STMicroelectronics AN3286 Datasheet HTML 24Page - STMicroelectronics AN3286 Datasheet HTML 25Page - STMicroelectronics AN3286 Datasheet HTML 26Page - STMicroelectronics AN3286 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
23/42
Figure 23 shows the input power vs. input voltage for no load and light load conditions.
Figure 23.
Input power vs. input voltage for no load and light load conditions
Depending on the equipment supplied, there are several criteria to measure the standby or
light load performance of a converter. One of these is the measurement of the output power
when the input power is equal to one watt. Table 17 shows the output power needed to
obtain 1 W of input power in different line conditions. Figure 24 shows the results of this
measurement.
Table 17.
Converter efficiency when the input power is 1 W
VIN (VAC)
PIN (W)
Eff. (%)
90
1
82.21
115
1
81.54
150
1
80.63
180
1
79.66
230
1
78.10
265
1
76.82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com