Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 34Page - STMicroelectronics AN3286 Datasheet HTML 35Page - STMicroelectronics AN3286 Datasheet HTML 36Page - STMicroelectronics AN3286 Datasheet HTML 37Page - STMicroelectronics AN3286 Datasheet HTML 38Page - STMicroelectronics AN3286 Datasheet HTML 39Page - STMicroelectronics AN3286 Datasheet HTML 40Page - STMicroelectronics AN3286 Datasheet HTML 41Page - STMicroelectronics AN3286 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AN3286
Test equipment and measurement of efficiency and light load performance
Doc ID 17998 Rev 1
39/42
is negligible at heavy loads, when the UUT’s input current is much higher than the
voltmeter's leakage current.
On the other hand, at light load conditions, when the UUT’s input current decreases and
approaches the voltmeter’s leakage current, the measurement error introduced with this
setting becomes significant.
To conclude, it is possible to say that the setting shown in Figure 52 should be used for light
loads and standby measurements, while the setting in Figure 53 for heavy loads and
efficiency measurements. If it is not clear which measurement scheme has the least effect
on the results, you can try with both and register the input power’s lower value.
As noted in IEC 62301, instantaneous measurements are appropriate when power readings
are stable. The UUT should be operated at 100% of the nameplate output current output for
at least 30 minutes (warm-up period) immediately prior to conducting efficiency
measurements. After this warm-up period, the AC input power should be monitored for
a period of five minutes to assess the stability of the UUT. If the power level does not drift by
more than 5% from the maximum value observed, the UUT can be considered stable and
the measurements can be recorded at the end of the five minute period.
If the AC input power is not stable over a five minute period, the average power or
accumulated energy should be measured over time for both the AC input and DC output.
Some wattmeter models allow integrating the measured input power in a time range and
then measuring the energy absorbed by the UUT during the integration time. The average
input power is calculated by dividing the measured energy by the integration time itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com