Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 28Page - STMicroelectronics AN3286 Datasheet HTML 29Page - STMicroelectronics AN3286 Datasheet HTML 30Page - STMicroelectronics AN3286 Datasheet HTML 31Page - STMicroelectronics AN3286 Datasheet HTML 32Page - STMicroelectronics AN3286 Datasheet HTML 33Page - STMicroelectronics AN3286 Datasheet HTML 34Page - STMicroelectronics AN3286 Datasheet HTML 35Page - STMicroelectronics AN3286 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Testing the board
AN3286
32/42
Doc ID 17998 Rev 1
Figure 41.
Brownout function block diagram
The current hysteresis provides an additional degree of freedom, allowing the designer to
set the ON and OFF thresholds of the input voltage separately from each other, by properly
choosing the values of the resistors of the voltage divider on the BR pin. The following
relationships can be established:
Equation 5
Equation 6
resulting in VIN_OFF = 83 V and VIN_ON = 114 V for the setting of the board. This can be
verified in the figures below, showing how brownout protection works in the VIPer25. For
a better understanding, DC input voltage has been applied.
At mains plug-in, the IBRhyst current generator is activated as soon as the drain voltage
exceeds VDRAIN_START, pulling down the BR pin voltage. If VIN < VIN_ON, VBR is lower than
0.45 V and the PWM is not activated, as shown in Figure 42. If VIN > VIN_ON, the BR pin
voltage is higher than 0.45 V, the PWM is enabled and the switching starts as the VDD
voltage reaches VDDon (Figure 43).
As the input voltage decreases, the IC continues switching until VIN > VIN_OFF, which means
VBR > 0.45 V (Figure 44). When VIN falls below VIN_OFF, the IBRhyst current generator is
turned on, therefore pulling the BR pin voltage below 0.45 V and shutting down the system.
The load is no longer supplied, and the output voltage decays monotonically to zero
(Figure 44).
V
IN OFF
V
BRth
R
H
R
L
+
R
L
---------------------
⎝⎠
⎛⎞
⋅
=
V
IN ON
V
BRth
V
+
BRhyst
()
R
H
R
L
+
R
L
---------------------
⎝⎠
⎛⎞ R
H
I
BR hyst
⋅
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com