Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3286 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 24Page - STMicroelectronics AN3286 Datasheet HTML 25Page - STMicroelectronics AN3286 Datasheet HTML 26Page - STMicroelectronics AN3286 Datasheet HTML 27Page - STMicroelectronics AN3286 Datasheet HTML 28Page - STMicroelectronics AN3286 Datasheet HTML 29Page - STMicroelectronics AN3286 Datasheet HTML 30Page - STMicroelectronics AN3286 Datasheet HTML 31Page - STMicroelectronics AN3286 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Testing the board
AN3286
28/42
Doc ID 17998 Rev 1
2.8
Voltage feed-forward function
As briefly explained in Section 2.1, in a quasi-resonant converter the switching frequency
increases with the input voltage.
According with Equation 3, for a fixed value of the maximum peak primary current, IPK_MAX,
the maximum deliverable output power is proportional to the switching frequency.
Equation 3
If a power supply is designed in order to deliver a certain maximum output power at
minimum input voltage, its power capability at maximum input voltage can be twice or more
due to the increase of the switching frequency.
The system may not be able to detect an overload at high line because the load power
demand does not exceed the converter power capability, therefore leading to overheating of
the transformer, power MOSFET, and output diode.
In order to resolve this issue, the VIPer25 is provided with a voltage feed-forward function,
which acts by lowering the maximum drain current as the input voltage increases.
This is realized by connecting a resistor between the auxiliary winding of the transformer
and the ZCD pin (RFF resistor in Figure 35). In fact, during the ON time of the MOSFET, the
auxiliary winding voltage is negative and proportional to the flyback input voltage, therefore,
through the RFF resistor a current almost proportional to the input voltage is sunk by the
ZCD pin. Thanks to the adjustable current limitation VIPer25 function, the maximum peak
drain current is reduced proportionally to the increase of the input voltage value.
Figure 33.
Operating with secondary winding
shorted - restart mode – zoom1
Figure 34.
Operating with secondary winding
shorted - restart mode – zoom2
P
IN TRAFO MAX
1
2
---
L
P
I
PK MAX
2
f
sw
⋅⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com