Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 8Page - STMicroelectronics AN4116 Datasheet HTML 9Page - STMicroelectronics AN4116 Datasheet HTML 10Page - STMicroelectronics AN4116 Datasheet HTML 11Page - STMicroelectronics AN4116 Datasheet HTML 12Page - STMicroelectronics AN4116 Datasheet HTML 13Page - STMicroelectronics AN4116 Datasheet HTML 14Page - STMicroelectronics AN4116 Datasheet HTML 15Page - STMicroelectronics AN4116 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Transformer
AN4116
12/38
Doc ID 023220 Rev 1
4
Transformer
The transformer characteristics are listed in the table below.
The following figures show size and pin distances ([mm]) of the transformer.
Table 3.
Transformer characteristics
Parameter
Value
Test conditions
Manufacturer
Magnetica
Part number
1921.0040
Primary inductance (pins 3 - 4)
1.2 mH ± 15%
Measured at 1 kHz 0.1 V
Leakage inductance
2.8%
Measured at 10 kHz 0.1 V
Primary to secondary turn ratio (3 - 4)/(5 - 8)
6.11 ± 5%
Measured at 10 kHz 0.1 V
Primary to auxiliary turn ratio (3 - 4)/(2 - 1)
5 ± 5%
Measured at 10 kHz 0.1 V
Figure 5.
Transformer size and pin diagram
pin distances
Figure 6.
Transformer electrical diagram
Figure 7.
Transformer side view 1
Figure 8.
Transformer side view 2
AM11680v1
AM11681v1
AM11682v1
AM11683v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com