Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 16Page - STMicroelectronics AN4116 Datasheet HTML 17Page - STMicroelectronics AN4116 Datasheet HTML 18Page - STMicroelectronics AN4116 Datasheet HTML 19Page - STMicroelectronics AN4116 Datasheet HTML 20Page - STMicroelectronics AN4116 Datasheet HTML 21Page - STMicroelectronics AN4116 Datasheet HTML 22Page - STMicroelectronics AN4116 Datasheet HTML 23Page - STMicroelectronics AN4116 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Testing the board
AN4116
20/38
Doc ID 023220 Rev 1
Another requirement (EuP lot 6) is that the input power should be less than 500 mW when
the converter is loaded with 250 mW. The performance is shown in
Figure 26 for IC
externally biased and in
Figure 27 for self-biasing.
Figure 24.
Efficiency @ PIN=1 W; IC externally
biased (J1 selected)
Figure 25.
Efficiency @ PIN=1 W; IC self-
biased (J1 not selected)
AM11545v1
40
45
50
55
60
65
70
75
80
80
110
140
170
200
230260
V
IN [V AC]
AM11546v1
35
40
45
50
55
60
65
70
75
80
80
110
140
170
200
230260
V
IN[VAC]
Figure 26.
PIN @ POUT = 250 mW; IC externally
biased (J1 selected)
Figure 27.
PIN @ POUT = 250 mW; IC self-
biased (J1 not selected)
AM13108v1
0.25
0.3
0.35
0.4
0.45
0.5
80
110
140
170
200
230260
V
IN [V AC]
AM13109v1
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
80
110
140
170
200
230260
V
IN [V AC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com