Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 12Page - STMicroelectronics AN4116 Datasheet HTML 13Page - STMicroelectronics AN4116 Datasheet HTML 14Page - STMicroelectronics AN4116 Datasheet HTML 15Page - STMicroelectronics AN4116 Datasheet HTML 16Page - STMicroelectronics AN4116 Datasheet HTML 17Page - STMicroelectronics AN4116 Datasheet HTML 18Page - STMicroelectronics AN4116 Datasheet HTML 19Page - STMicroelectronics AN4116 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Testing the board
AN4116
16/38
Doc ID 023220 Rev 1
Table 5 shows the measured value of the burst mode frequency ripple measured in different
operating conditions. The ripple in burst mode operation is very low.
5.4
Efficiency
The active mode efficiency is defined as the average of the efficiencies measured at 25%,
50%, 75% and 100% of maximum load, at nominal input voltage (VIN = 115 VAC and VIN =
230 VAC).
External power supplies (the power supplies which are contained in a separate housing
from the end-use devices they are powering) need to comply with the Code of Conduct
(version 4) “Active Mode Efficiency” criterion, which states an active mode efficiency higher
than 71.18% for a power throughput of 4.2 W.
Another standard to be applied to external power supplies in the coming years is the DOE
(Department of Energy) recommendation, whose active mode efficiency requirement for the
same power throughput is 76.6%.
If the IC is externally biased, the presented demonstration board is compliant with both
standards, as can be seen from
Figure 21, where the average efficiencies of the board at
115 VAC (81.6%) and at 230 VAC (77.2%) are plotted with dotted lines, together with the
above limits. In the same figure the efficiency at 25%, 50%, 75% and 100% of output load
for both input voltages is also shown.
Figure 19.
Output voltage ripple @ 115 VAC
25 mA
Figure 20.
Output voltage ripple @ 230 VAC
25 mA
AM11694v1
AM11695v1
Table 5.
Output voltage ripple at no/light load
VIN [VAC]
VOUT [mV]
No load
25 mA load
90
2
7
115
2
7
230
4
8
265
4
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com