Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 14Page - STMicroelectronics AN4116 Datasheet HTML 15Page - STMicroelectronics AN4116 Datasheet HTML 16Page - STMicroelectronics AN4116 Datasheet HTML 17Page - STMicroelectronics AN4116 Datasheet HTML 18Page - STMicroelectronics AN4116 Datasheet HTML 19Page - STMicroelectronics AN4116 Datasheet HTML 20Page - STMicroelectronics AN4116 Datasheet HTML 21Page - STMicroelectronics AN4116 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Testing the board
AN4116
18/38
Doc ID 023220 Rev 1
disproportionally better than requirements, it is worth noting that often AC-DC adapter or
battery charger manufacturers have very strict requirements about no load consumption and
if the converter is used as an auxiliary power supply, the line filter is often the big line filter of
the entire power supply that increases greatly the standby consumption.
Even though version 4 of the Code of Conduct does not have other requirements regarding
light load performance, in order to give a more complete overview, we report the input power
and efficiency of the demonstration board also in two other low load cases.
Table 8 and 14
show the performance when the output load is 25 mW and 50 mW respectively.
The input power vs. input voltage for no and light load conditions (
Table 7, 8 and 14) are
reported in the diagrams below.
Table 8.
Light load performance POUT=25 mW
VIN [VAC]POUT [mW]
PIN [mW]
Efficiency (%)
IC externally
biased
IC self-biased
IC externally
biased
IC self-biased
90
25
49.7
128
50.30
19.6
115
25
51.5
157
48.54
15.9
150
25
54.7
200
45.70
12.5
180
25
57.3
236
43.63
10.6
230
25
61.7
296
40.52
8.4
265
25
64.8
337
38.58
7.4
Table 9.
Light load performance POUT=50 mW
VIN [VAC]POUT [mW]
PIN [mW]
Efficiency (%)
IC externally
biased
IC self-biased
IC externally
biased
IC self-biased
90
50
82.4
167
60.71
29.94
115
50
85.0
198
58.82
25.25
150
50
89.3
242
55.99
20.66
180
50
93.0
280
53.76
17.86
230
50
98.0
341
51.02
14.66
265
50
101.1
384
49.46
13.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com