Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 23Page - STMicroelectronics AN4116 Datasheet HTML 24Page - STMicroelectronics AN4116 Datasheet HTML 25Page - STMicroelectronics AN4116 Datasheet HTML 26Page - STMicroelectronics AN4116 Datasheet HTML 27Page - STMicroelectronics AN4116 Datasheet HTML 28Page - STMicroelectronics AN4116 Datasheet HTML 29Page - STMicroelectronics AN4116 Datasheet HTML 30Page - STMicroelectronics AN4116 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
AN4116
Thermal measurements
Doc ID 023220 Rev 1
27/38
8
Thermal measurements
A thermal analysis of the board has been performed using an IR camera for 85 VAC, 115
VAC, 230 VAC and 265 VAC mains input, full load condition, both with and without the self-
biasing function. The results are shown in the following figures. When the self-biasing
function is used, the VIPER06 temperature is higher, due to the power dissipated by the HV-
startup generator.
Figure 39.
Thermal map at VIN=85 VAC,
TAMB=25 °C, full load; IC externally
biased
Figure 40.
Thermal map at VIN=85 VAC,
TAMB=25 °C, full load; IC self-biased
Figure 41.
Thermal map at VIN=115 VAC, full
load, TAMB=25 °C; IC externally
biased
Figure 42.
Thermal map at VIN=115 VAC, full
load, TAMB=25 °C; IC self-biased



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com