Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 29Page - STMicroelectronics AN4116 Datasheet HTML 30Page - STMicroelectronics AN4116 Datasheet HTML 31Page - STMicroelectronics AN4116 Datasheet HTML 32Page - STMicroelectronics AN4116 Datasheet HTML 33Page - STMicroelectronics AN4116 Datasheet HTML 34Page - STMicroelectronics AN4116 Datasheet HTML 35Page - STMicroelectronics AN4116 Datasheet HTML 36Page - STMicroelectronics AN4116 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
AN4116
Test equipment and measurement of efficiency and light load performance
Doc ID 023220 Rev 1
33/38
Appendix A
Test equipment and measurement of
efficiency and light load performance
The converter input power has been measured using a wattmeter. The wattmeter measures
simultaneously the converter input current (using its internal ammeter) and voltage (using its
internal voltmeter). The wattmeter is a digital instrument so it samples the current and
voltage and converts them to digital forms. The digital samples are then multiplied giving the
instantaneous measured power. The sampling frequency is in the range of 20 kHz (or higher
depending on the instrument used). The display provides the average measured power,
averaging the instantaneous measured power in a short period of time (1 sec typ.).
Figure 54 shows how the wattmeter is connected to the UUT (unit under test) and to the AC
source and the wattmeter internal block diagram.
An electronic load has been connected to the output of the power converter (UUT), allowing
to set and measure the converter load current, while the output voltage has been measured
by a voltmeter. The output power is the product between load current and output voltage.
The ratio between the output power, calculated as previously stated, and the input power,
measured by the wattmeter, is the converter’s efficiency, which has been measured in
different input/output conditions.
A.1
Measuring input power
With reference to
Figure 54, the UUT input current causes a voltage drop across the
ammeter’s internal shunt resistance (the ammeter is not ideal as it has an internal
resistance higher than zero) and across the cables connecting the wattmeter to the UUT.
If the switch of
Figure 54 is in position 1 (see also the simplified scheme of Figure 55), this
voltage drop causes an input measured voltage higher than the input voltage at the UUT
input that, of course, affects the measured power. The voltage drop is generally negligible if
the UUT input current is low (for example, when measuring the input power of UUT in light
load condition).
Figure 54.
Connections of the UUT to the wattmeter for power measurements
AM13105v1
A
V
DISPLAY
X
AVG
WATT METER
1
2
AC
SOURCE
U.U.T
(Unit Under test)
INPUT
Multiplier
Voltmeter
Ammeter
OUTPUT
+
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com