Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 9Page - STMicroelectronics AN4116 Datasheet HTML 10Page - STMicroelectronics AN4116 Datasheet HTML 11Page - STMicroelectronics AN4116 Datasheet HTML 12Page - STMicroelectronics AN4116 Datasheet HTML 13Page - STMicroelectronics AN4116 Datasheet HTML 14Page - STMicroelectronics AN4116 Datasheet HTML 15Page - STMicroelectronics AN4116 Datasheet HTML 16Page - STMicroelectronics AN4116 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AN4116
Testing the board
Doc ID 023220 Rev 1
13/38
5
Testing the board
5.1
Typical waveforms
Drain voltage and current waveforms in full load condition are reported for the two nominal
input voltages in
Figure 9 and 10, and for minimum and maximum input voltage in Figure 11
and
12 respectively.
Figure 9.
Drain current/voltage @ 115 VAC
max. load
Figure 10.
Drain current/voltage @ 230 VAC
max. load
AM11684v1
AM11685v1
Figure 11.
Drain current/voltage @ 90 VAC
max. load
Figure 12.
Drain current/voltage @ 265 VAC
max. load
AM11686v1
AM11687v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com