Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4116 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4116 Datasheet HTML 13Page - STMicroelectronics AN4116 Datasheet HTML 14Page - STMicroelectronics AN4116 Datasheet HTML 15Page - STMicroelectronics AN4116 Datasheet HTML 16Page - STMicroelectronics AN4116 Datasheet HTML 17Page - STMicroelectronics AN4116 Datasheet HTML 18Page - STMicroelectronics AN4116 Datasheet HTML 19Page - STMicroelectronics AN4116 Datasheet HTML 20Page - STMicroelectronics AN4116 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
AN4116
Testing the board
Doc ID 023220 Rev 1
17/38
Figure 21.
Active mode efficiency of the demonstration board and comparison with
energy efficiency standards (IC externally biased)
5.5
Light load performance
The input power of the converter has been measured in no load condition for different input
voltages and the results are reported in
Table 6.
In version 4 of the Code of Conduct, also the power consumption of the power supply when
it is no loaded is considered. The criteria to be compliant with are reported in
Table 7 below:
The performance of the presented board (when the self-supply function is not used) is much
better than required; the power consumption is more than ten times lower than the limit fixed
by version 4 of the Code of Conduct. Even though the performance seems to be
AM11696v1
65
67
69
71
73
75
77
79
81
83
85
0.2
0.4
0.6
0.8
1
Iout [% I
OUT ]
115
230
av @ 115Vac
av @ 230Vac
DOE limit
CoC4 limit
Table 6.
No load input power
VIN [VAC]
PIN [mW]
IC externally biased
IC self-biased
90
17.2
108
115
18.3
137
150
20.2
178
180
22.1
213
230
25.9
273
265
28.5
314
Table 7.
Energy consumption criteria for no load
Nameplate output power (Pno)
Maximum power in no load for AC-DC EPS
0 W
≤ Pno ≤ 50 W
< 0.3 W
50 W < Pno < 250 W
< 0.5 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com